Part Number Hot Search : 
50500 00144 L01502 CEP02N6 2SK1316L D2547P17 MR3025 C1514
Product Description
Full Text Search
 

To Download SDR623CTJ1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDR623CTJ, CAJ, DJ, DRJ thru SDR626CTJ, CAJ, DJ, DRJ
40 AMPS 300 - 600 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
FEATURES: Hyper Fast Recovery: 35 nsec Maximum 3/ High Surge Rating Low Reverse Leakage Current Low Junction Capacitance Isolated Hermetically Sealed Package Gold Eutectic Die Attach Available Ultrasonic Aluminum Wire Bonds Custom Lead Forming Available TX, TXV, and Space Level Screening Available Consult Factory.2/
Designer's Data Sheet
Part Number/Ordering Information 1/ SDR62 __ _J_ __ __ Screening 2/ __ = Not Screened
TX = TX Level | TXV = TXV Level S = S Level Leg Bend __ = Straight (See Figure 1) DB = Down Bend UB = Up Bend Package J = TO-257 Pin Configuration CT: common cathode CA: common anode D: doubler DR: doubler reverse Voltage 3 = 300V, 4 = 400V, 5 = 500V, 6 = 600V

Available in Following Configurations:
Common Cathode Centertap: SDR623CTJ, SDR623CTJUB, SDR623CTJDB; SDR624CTJ, SDR624CTJUB, SDR624CTJDB; SDR625CTJ, SDR625CTJUB, SDR625CTJDB; SDR626CTJ, SDR626CTJUB,SDR626CTJDB Common Anode Centertap: SDR623CAJ, SDR623CAJUB, SDR623CAJDB; SDR624CAJ, SDR624CAJUB, SDR624CAJDB; SDR625CAJ, SDR625CAJUB, SDR625CAJDB; SDR626CAJ, SDR626CAJUB, SDR626CAJDB Doubler: SDR623DJ, SDR623DJUB, SDR623DJDB; SDR624DJ, SDR624DJUB, SDR624DJDB; SDR625DJ, SDR625DJUB, SDR625DJDB; SDR626DJ, SDR626DJUB,SDR626DJDB; SDR623DRJ, SDR623DRJUB, SDR623DRJDB; SDR624DRJ, SDR624DRJUB, SDR624DRJDB; SDR625DRJ, SDR625DRJUB, SDR625DRJDB; SDR626DRJ, SDR626DRJUB,SDR626DRJDB
TO-257
MAXIMUM RATINGS
Peak Repetitive Reverse Voltage and DC Blocking Voltage SDR623CTJ SDR624CTJ SDR625CTJ SDR626CTJ
o 5/
Symbol
VRRM VRWM VR IO IFSM
Value
300 400 500 600 40 6/ 150
Units
Volts Amps Amps
o
Average Rectified Forward Current (Resistive Load, 60 Hz, Sine Wave, TA=25oC) 4/ Peak Surge Current (8.3 ms Pulse, Half Sine Wave, TA=25 C) Operating and Storage Temperature Maximum Thermal Resistance Junction to Case Junction to Case 5/
4/
TOP & TSTG -65 to +200 RJC 1.2 2.0
o
C
C/W
NOTES: 1/ For ordering information, price, operating curves, and availability - contact factory. 2/ Screening based on MIL-PRF-19500. Screening flows available on request. 3/ Recovery conditions: IF = 0.5 Amp, IR = 1.0 Amp, rec. to 0.25 Amp. 4/ Both legs tied together. 5/ Per leg. 6/ Doublers: IO= 20A/leg.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0051G
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDR623CTJ, CAJ, DJ, DRJ thru SDR626CTJ, CAJ, DJ, DRJ
ELECTRICAL CHARACTERISTICS (Per Leg)
Instantaneous Forward Voltage Drop (IF = 10 Amps, TA = 25oC, 300sec Pulse) (IF = 20 Amps, TA = 25oC, 300sec Pulse) Instantaneous Forward Voltage Drop (IF = 10 Amps, TA = 100oC, 300sec Pulse) (IF = 10 Amps, TA = -55oC, 300sec Pulse) Reverse Leakage Current (Rated VR, TA = 25oC, 300sec pulse minimum) Reverse Leakage Current (Rated VR, TA = 100oC, 300sec pulse minimum) Reverse Recovery Time (IF = 0.5A, IR = 1 A, IRR = 0.25A, TA = 25oC) Junction Capacitance (VR =10 VDC, TA = 25oC, f = 1 MHz)
Symbol
VF1 VF2 VF3 VF4 IR1 IR2 trr CJ
Min
-- -- -- -- -- -- -- --
Max
1.4 1.7 1.3 1.5 50 5 35 150
Unit
Volts
Volts A mA ns pF
Case Outline: TO-257
O.150 .140 .660 .645 .430 .410 1.100 .500
PIN 3
.420 .410
PIN 2
.105 .095
2x .180 .150 .200 MIN
PIN 1
.537 .527
3x O.035 .025 .125 .110
SUFFIX: JD
.200 MIN
SUFFIX: JU
.180 .150
.210 .190
.045 .035
SUFFIX: J
SUFFIX JDB
SUFFIX JUB
Common Cathode Common Anode
Doubler
CODE CT CA D DR FUNCTION Common Cathode Common Anode Doubler Doubler Reverse
PIN ASSIGNMENT
PIN 1 Anode 1 Cathode 1 Cathode 1 Anode 1 PIN 2 Cathode Anode Cathode2/Anode 1 Cathode1/Anode 2 PIN 3 Anode 2 Cathode 2 Anode 2 Cathode 2
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0051G
DOC


▲Up To Search▲   

 
Price & Availability of SDR623CTJ1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X